Part Number Hot Search : 
MMBD7 150B6 CHIPS HPR1006 P6KA13A TPC6103 AR25A06 30FH432
Product Description
Full Text Search
 

To Download 2N4403 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2N4403 p n p ep i t a x ial pla n ar t r a n si s t or descrip t i on t h e 2 n 4 403 i s des i g n e d f or g e n e r al p u r pose s w i tch i ng a n d amplifier applications. features ? c omp l e m en t a r y to 2 n 44 0 1. ? high power dissipation : 625mw at 25 c ? high dc current gain : 100-300 at 150ma ? high breakdown voltage : 40v min. absolute maximum ratings ? maximum temperatures storage temperature ............................................................................................... -55~+150 c junction temperature ..................................................................................... +150 c maximum ? maximum power dissipation total power dissipation (ta=25 c) ................................................................................ 625 mw ? maximum voltages and currents (ta=25 c) vcbo collector to base voltage ......................................................................................... 40 v vceo collector to emitter voltage ...................................................................................... 40 v vebo emitter to base voltage ........................................................................................... 5.0 v ic collector current ........................................................................................................ 600 ma characteristics(ta=25 c ) symbol min. typ. max. unit test conditions bvcbo 40 - - v ic=100ua, ie=0 bvceo 40 - - v ic=1ma. ib=0 bvebo 5.0 - - v ie=10ua, ic=0 icex - - 100 na vce=35v, vbe=0.4v vce(sat)1 - - 400 mv ic=150ma, ib=15ma vce(sat)2 - - 750 mv ic=500ma, ib=50ma vbe(sat)1 750 - 0.95 v ic=150ma, ib=15ma vbe(sat)2 - - 1.3 v ic=500ma, ib=50ma hfe1 30 - - vce=1v, ic=0.1ma hfe2 60 - - vce=1v, ic=1ma hfe3 100 - - vce=1v, ic=10ma hfe4 100 - 300 vce=2v, ic=150ma hfe5 20 - - vce=2v, ic=500ma ft 200 - - mhz ic=20ma, vce=10v, f=100mhz cob - - 8.5 pf vce=10v, ie=0, f=1mhz tiger electronic co.,ltd tiger electronic co.,ltd
characteristics curve current gain & collector current 10 100 1000 0.1 1 10 100 1000 collector current (ma) hfe v ce =2v v ce =1v saturation voltage & collector current 10 100 1000 10000 0.1 1 10 100 1000 collector current-i c (ma) saturation voltage (mv) v be(sat) @ i c =10i b v ce(sat) @ i c =10i b capacitance & reverse-biased voltage 1 10 100 0.1 1 10 100 reverse biased voltage(v) capacitance (pf) cob cutoff frequency & collector current 10 100 1000 1 10 100 1000 collector current-i c (ma) cutoff frequency (mhz) v ce =10v safe operating area 1 10 100 1000 10000 1 10 100 forward biased voltage-v ce (v) collector current-i c (ma) pt=100ms pt=1ms pt=1s tiger electronic co.,ltd tiger electronic co.,ltd
to-92 dimension *:typical inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.1704 0.1902 4.33 4.83 g 0.0142 0.0220 0.36 0.56 b 0.1704 0.1902 4.33 4.83 h - * 0.1000 - * 2.54 c 0.5000 - 12.70 - i - * 0.0500 - * 1.27 d 0.0142 0.0220 0.36 0.56 1 - * 5 - * 5 e- * 0.0500 - * 1.27 2 - * 2 - * 2 f 0.1323 0.1480 3.36 3.76 3 - * 2 - * 2 31 a d b c i 1 e f 2 3 g h 2 3-lead to-92 plastic package tgs package code : a tiger electronic co.,ltd tiger electronic co.,ltd


▲Up To Search▲   

 
Price & Availability of 2N4403

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X